전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7513T 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 TDA7513T
상세설명  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 49Page - STMicroelectronics TDA7513T_07 Datasheet HTML 50Page - STMicroelectronics TDA7513T_07 Datasheet HTML 51Page - STMicroelectronics TDA7513T_07 Datasheet HTML 52Page - STMicroelectronics TDA7513T_07 Datasheet HTML 53Page - STMicroelectronics TDA7513T_07 Datasheet HTML 54Page - STMicroelectronics TDA7513T_07 Datasheet HTML 55Page - STMicroelectronics TDA7513T_07 Datasheet HTML 56Page - STMicroelectronics TDA7513T_07 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
TDA7513T
Software specifications
53/84
Table 41.
Subaddress 7: FM RF adjustment AM prescaler and seek
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
FM RF adj (proportional to Vtuning)
0
1
1
1
1
-30%
0
1
1
1
0
-28%
-
-
-
-
----
-
00
0
0
1
-2%
00
0
0
0
-0%
10
0
0
0
+0%
10
0
0
1
+2%
-
-
-
-
----
-
11
1
1
0
+28%
11
1
1
1
+30%
AM VCO divider ratio
00
10
01
8
10
6
11
4
Seek mode
0
Seek OFF
1
Seek ON
Table 42.
Subaddress 8: IF counter control 1 and AM S.S. threshold
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
IF counter control
00
0
Not valid
00
1
Not valid
01
0
Not valid
01
1
Δf = 6.25kHz (FM) 1kHz (AM UPC)
10
0
Δf = 12.5kHz (FM) 2kHz (AM UPC)
10
1
Δf = 25kHz (FM) 4kHz (AM UPC)
11
0
Δf = 50kHz (FM) 8kHz (AM UPC)
11
1
Δf = 100kHz (FM) 16kHz (AM UPC)
0
IF counter disable/stand by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com