| 전자부품 데이터시트 검색엔진 |
|
TDA758013TR 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA758013TR 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 39 page ![]() TDA7580 Application diagrams 35/39 9.1 Electrical application scheme The following application diagram is only an example. For real application setup, it is necessary to refer to the application notes. Figure 20. Application diagram example Note: VCMOP capacitor (4.7uF) is only needed for CA silicon. This is needed to be consistent with "pin description " in Table 6 |