전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS472 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 TS472
상세설명  Very low noise microphone preamplifier with 2.0V bias output and active low standby mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 15Page - STMicroelectronics TS472 Datasheet HTML 16Page - STMicroelectronics TS472 Datasheet HTML 17Page - STMicroelectronics TS472 Datasheet HTML 18Page - STMicroelectronics TS472 Datasheet HTML 19Page - STMicroelectronics TS472 Datasheet HTML 20Page - STMicroelectronics TS472 Datasheet HTML 21Page - STMicroelectronics TS472 Datasheet HTML 22Page - STMicroelectronics TS472 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
TS472
Application information
19/24
5.10
Demo board
A demo board for the TS472 is available. For more information about this demo board,
please refer to Application Note AN
2240, which can be found on www.st.com.
Figure 40.
PCB top layer
Figure 41.
PCB bottom layer
Figure 42.
Component location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24