전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7430TR 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TDA7430TR
상세설명  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430TR 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TDA7430TR Datasheet HTML 8Page - STMicroelectronics TDA7430TR Datasheet HTML 9Page - STMicroelectronics TDA7430TR Datasheet HTML 10Page - STMicroelectronics TDA7430TR Datasheet HTML 11Page - STMicroelectronics TDA7430TR Datasheet HTML 12Page - STMicroelectronics TDA7430TR Datasheet HTML 13Page - STMicroelectronics TDA7430TR Datasheet HTML 14Page - STMicroelectronics TDA7430TR Datasheet HTML 15Page - STMicroelectronics TDA7430TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TDA7430 - TDA7431
12/23
Table 7. INPUT ATTENUATION SELECTION
INPUT ATTENUATION = 0 ~ -31.5dB
Table 8.
MSB
LSB
INPUT ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0.5 dB STEPS
X0
0
0
0
X0
0
1
-0.5
X0
1
0
-1
X0
1
1
-1.5
X1
0
0
-2
X1
0
1
-2.5
X1
1
0
-3
X1
1
1
-3.5
4 dB STEPS
X0
0
0
0
X0
0
1
-4
X0
1
0
-8
X0
1
1
-12
X1
0
0
-16
X1
0
1
-20
X1
1
0
-24
X1
1
1
-28
D7
D6
D5
D4
D3
D2
D1
D0
REAR SWITCH
X
0
REARIN, REAROUT PIN
ACTIVE
X
1
NO REARIN, REAROUT PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com