| 전자부품 데이터시트 검색엔진 |
|
TDA7439DS13TR 데이터시트(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7439DS13TR 데이터시트(HTML) 21 Page - STMicroelectronics |
|
21 / 23 page ![]() TDA7439DS Package information 21/23 8 Package information SO-28 DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 2.65 0.104 a1 0.1 0.3 0.004 0.012 b 0.35 0.49 0.014 0.019 b1 0.23 0.32 0.009 0.013 C 0.5 0.020 c1 45 ° (typ.) D 17.7 18.1 0.697 0.713 E 10 10.65 0.394 0.419 e 1.27 0.050 e3 16.51 0.65 F 7.4 7.6 0.291 0.299 L 0.4 1.27 0.016 0.050 S8 ° (max.) OUTLINE AND MECHANICAL DATA Outline and mechanical data SO28 |