전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STCN75DS2F 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 STCN75DS2F
상세설명  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75DS2F 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button STCN75DS2F Datasheet HTML 19Page - STMicroelectronics STCN75DS2F Datasheet HTML 20Page - STMicroelectronics STCN75DS2F Datasheet HTML 21Page - STMicroelectronics STCN75DS2F Datasheet HTML 22Page - STMicroelectronics STCN75DS2F Datasheet HTML 23Page - STMicroelectronics STCN75DS2F Datasheet HTML 24Page - STMicroelectronics STCN75DS2F Datasheet HTML 25Page - STMicroelectronics STCN75DS2F Datasheet HTML 26Page - STMicroelectronics STCN75DS2F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
STCN75
Functional description
23/35
3.6
WRITE mode
In this mode the master transmitter transmits to the STCN75 slave receiver. Bus protocol is
shown in Figure 11. Following the START condition and slave address, a logic '0' (R/W = 0)
is placed on the bus and indicates to the addressed device that word address will follow and
is to be written to the on-chip address pointer.
These modes are shown in the WRITE mode typical timing diagrams (see Figure 11, and
Figure 12, and Figure 13 on page 24).
Figure 11.
Typical pointer set followed by an immediate READ from the
configuration register
Figure 12.
Configuration register WRITE
AI12230
19
1
9
Repeat
Start
by
Master
ACK
by
STCN75
No ACK
by
STCN75
Stop
Cond.
by
Master
1
0
0
1
A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
R/W
Address Byte
Data Byte
11
99
1
Start
by
Master
Address Byte
Pointer Byte
ACK
by
STCN75
ACK
by
STCN75
0
0
1
A2 A1 A0 R/W
0
0
0
0
0
0
D1 D0
AI12231
11
99
1
9
1
Start
by
Master
Address Byte
Pointer Byte
ACK
by
STCN75
ACK
by
STCN75
ACK
by
STCN75
Stop
Cond.
by
Master
00
1
A2
A1
A0
R/W
00
0
0
0
0
0
0
0
D4
D3
D2
D1 D0
D1
D0
Configuration Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com