전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC164RM13TR 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M74HC164RM13TR
상세설명  8 BIT SIPO SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC164RM13TR 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M74HC164RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC164RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC164RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC164RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC164RM13TR Datasheet HTML 9Page - STMicroelectronics M74HC164RM13TR Datasheet HTML 10Page - STMicroelectronics M74HC164RM13TR Datasheet HTML 11Page - STMicroelectronics M74HC164RM13TR Datasheet HTML 12Page - STMicroelectronics M74HC164RM13TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
M74HC164
11/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-14 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13