전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6701DC2PR 데이터시트(PDF) 26 Page - Torex Semiconductor

부품명 XC6701DC2PR
상세설명  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DC2PR 데이터시트(HTML) 26 Page - Torex Semiconductor

Back Button XC6701DC2PR Datasheet HTML 22Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 23Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 24Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 25Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 26Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 27Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 28Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 29Page - Torex Semiconductor XC6701DC2PR Datasheet HTML 30Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26/32
XC6701 Series
●SOT-223
●TO-252
■PACKAGING INFORMATION (Continued)
.
5. 3±0. 2
6. 55±0. 2
0. 75±0. 15
0. 75±0. 15
0. 75±0. 15
0. 5 ±0. 1
0. 5 ±0. 1
(2. 28)
(2. 28)
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com