전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC390B1R 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 M74HC390B1R
상세설명  Dual decade counter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC390B1R 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button M74HC390B1R Datasheet HTML 9Page - STMicroelectronics M74HC390B1R Datasheet HTML 10Page - STMicroelectronics M74HC390B1R Datasheet HTML 11Page - STMicroelectronics M74HC390B1R Datasheet HTML 12Page - STMicroelectronics M74HC390B1R Datasheet HTML 13Page - STMicroelectronics M74HC390B1R Datasheet HTML 14Page - STMicroelectronics M74HC390B1R Datasheet HTML 15Page - STMicroelectronics M74HC390B1R Datasheet HTML 16Page - STMicroelectronics M74HC390B1R Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
M74HC390
Package mechanical data
13/17
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17