전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QST108 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 QST108
상세설명  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button QST108_08 Datasheet HTML 5Page - STMicroelectronics QST108_08 Datasheet HTML 6Page - STMicroelectronics QST108_08 Datasheet HTML 7Page - STMicroelectronics QST108_08 Datasheet HTML 8Page - STMicroelectronics QST108_08 Datasheet HTML 9Page - STMicroelectronics QST108_08 Datasheet HTML 10Page - STMicroelectronics QST108_08 Datasheet HTML 11Page - STMicroelectronics QST108_08 Datasheet HTML 12Page - STMicroelectronics QST108_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
QST108
QST touch sensing technology
9/51
3.3
Faulty and unused keys
Any sensing channel that does not have its sense capacitor (CS) fitted is assumed to be
either faulty or unused. This channel takes no further part in operation unless a Master-
commanded recalibration operation shows it to have an in-range burst count again. Faulty,
unused or disabled keys are still bursted but not processed to avoid modifying the sensitivity
of active keys.
This is important for sensing channels that have an open or short circuit fault across CS.
Such channels would otherwise cause very long acquire bursts, and in consequence would
slow the operation of the entire QST device.
To optimize touch response time and device power consumption, if some keys are not used,
we recommend to try suppressing the ones which belong to the same burst. Bursts which
do not have any keys implemented will then not be processed.
3.4
Detection threshold levels
The key capacitance change induced by the presence of a finger is sensed by the variation
in the number of charge transfer pulses to load the capacitor. The difference in the pulse
count number is compared to a threshold in order to detect the key as pressed or not.
Two different thresholds, one for detection and one for the end of detection, create an
hysteresis in order to prevent erratic behavior.
The default threshold levels and hysteresis values are described in Section 6.6: Capacitive
sensing characteristics on page 35.
3.5
Detection integrator filter
The Detection Integrator (DI) filter mechanism works together with spread spectrum
operation to dramatically reduce the effects of noise on key states. The DI mechanism
requires a specified number of measurements that qualify as detections (and these must
occur in a row) or the detection will not be reported.
In a similar manner, the end of a touch (loss of signal) also has to be confirmed over several
measurements. It is called the End of Detection Integrator (EDI).
This process acts as a type of “debounce” mechanism against noise.
The default DI and EDI values for confirming start of touch and end of touch are described in
Section 6.6: Capacitive sensing characteristics on page 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51