전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QST108AB0 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 QST108AB0
상세설명  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AB0 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button QST108AB0 Datasheet HTML 25Page - STMicroelectronics QST108AB0 Datasheet HTML 26Page - STMicroelectronics QST108AB0 Datasheet HTML 27Page - STMicroelectronics QST108AB0 Datasheet HTML 28Page - STMicroelectronics QST108AB0 Datasheet HTML 29Page - STMicroelectronics QST108AB0 Datasheet HTML 30Page - STMicroelectronics QST108AB0 Datasheet HTML 31Page - STMicroelectronics QST108AB0 Datasheet HTML 32Page - STMicroelectronics QST108AB0 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
QST108
Design guidelines
29/51
It is important to limit the amount of stray capacitance on the SNS terminals, for example by
minimizing trace lengths and widths to allow for higher gain without requiring higher values
of CS. Under heavy delta-CX loading of one key, cross coupling to another key’s trace can
cause the other key to trigger. Therefore, electrode traces from adjacent keys should not be
run close to each other over long runs in order to minimize cross-coupling if large values of
delta-CX are expected, for example when an electrode is directly touched. This is not a
problem when the electrodes are working through a plastic panel with normal touch
sensitivity.
For additional information on PCB layout and construction, please contact your local ST
Sales Office for a list of available application notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51