전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISPXPLD5000MX 데이터시트(PDF) 86 Page - Lattice Semiconductor

부품명 ISPXPLD5000MX
상세설명  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPXPLD5000MX 데이터시트(HTML) 86 Page - Lattice Semiconductor

Back Button ISPXPLD5000MX Datasheet HTML 82Page - Lattice Semiconductor ISPXPLD5000MX Datasheet HTML 83Page - Lattice Semiconductor ISPXPLD5000MX Datasheet HTML 84Page - Lattice Semiconductor ISPXPLD5000MX Datasheet HTML 85Page - Lattice Semiconductor ISPXPLD5000MX Datasheet HTML 86Page - Lattice Semiconductor ISPXPLD5000MX Datasheet HTML 87Page - Lattice Semiconductor ISPXPLD5000MX Datasheet HTML 88Page - Lattice Semiconductor ISPXPLD5000MX Datasheet HTML 89Page - Lattice Semiconductor ISPXPLD5000MX Datasheet HTML 90Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
86
Global Clock LVDS pair options: GCLK0 and GCLK1, as well as GCLK2 and GCLK3, can be paired together to receive differen-
tial clocks; where GCLK0 and GCLK3 are the positive LVDS inputs.
0
142N
Y26
Y29
AA29
Y27
B11
A10
0
142P
Y24
Y28
AA28
Y25
A11
A9
0
143N
Y22
Y27
AA27
Y23
F11
A8
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
143P
Y20
Y26
AA26
Y21
F10
A7
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
144N
Y18
Y25
AA25
Y19
E10
A6
0
144P
Y16
Y24
AA24
Y17
C10
A5
0
145N
Y14/VREF0
Y3
AA3
Y15
D10
A4
0
145P
Y12
Y2
AA2
Y13
B10
A3
0
146N
Y10
Y23
AA23
Y11
A10
B10
0
146P
Y8
Y22
AA22
Y9
A9
B9
0
147N
Y6
Y21
AA21
Y7
C9
B8
0
147P
Y4
Y20
AA20
Y5
D9
B7
0
148N
Y2
Y19
AA19
Y3
F9
B6
0
148P
Y0
Y18
AA18
Y1
E9
B5
0
149N
Z30
Y1
AA1
Z31
A8
B4
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
149P
Z28
Y0
AA0
Z29
B8
B3
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
150N
Z26
AA29
-
Z27
A7
C10
0
150P
Z24
AA28
-
Z25
B7
C9
0
151N
Z22
AA27
-
Z23
A5
C8
0
151P
Z20
AA26
-
Z21
B5
C7
0
152N
Z18
AA25
-
Z19
B6
C6
0
152P
Z16
AA24
-
Z17
C7
C5
0
153N
Z14
AA23
-
Z15
E8
C4
0
153P
Z12
AA22
-
Z13
E7
D5
0
154N
Z10
AA21
-
Z11
E6
D9
-
-
VCC
-
-
-
VCC
VCC
0
154P
Z8
AA20
-
Z9
D6
D8
-
-
GND
-
-
-
GND
GND
0
155N
Z6
AA19
-
Z7
D8
D7
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
155P
Z4
AA18
-
Z5
F8
D6
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
156N
Z2
AA17
-
Z3
F7
F9
0
156P
Z0
AA16
-
Z1
D7
E9
0
157N
AA30
AA15
-
AA31
C6
F7
0
157P
AA28
AA14
-
AA29
C5
F8
0
158N
AA26
AA13
-
AA27
C4
G8
0
158P
AA24
AA12
-
AA25
D5
G9
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com