전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZMDKBBA88W 데이터시트(PDF) 4 Page - SunLED Corporation

부품명 ZMDKBBA88W
상세설명  3.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKBBA88W 데이터시트(HTML) 4 Page - SunLED Corporation

  ZMDKBBA88W Datasheet HTML 1Page - SunLED Corporation ZMDKBBA88W Datasheet HTML 2Page - SunLED Corporation ZMDKBBA88W Datasheet HTML 3Page - SunLED Corporation ZMDKBBA88W Datasheet HTML 4Page - SunLED Corporation ZMDKBBA88W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Published Date : FEB 25, 2008
Drawing No : SDSA6315
V1
Checked : B.L.LIU
P.4/5
Part Number:
ZMDKBBA88W
3.2x1.0mm RIGHT ANGLE BI-COLOR SMD
CHIP LED LAMP
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Tape Specification (Units : mm)
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
The device has a single mounting surface. The device
must be mounted according to the specifications.



Html Pages

1 2 3 4 5