전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SRT512 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 SRT512
상세설명  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button SRT512_08 Datasheet HTML 29Page - STMicroelectronics SRT512_08 Datasheet HTML 30Page - STMicroelectronics SRT512_08 Datasheet HTML 31Page - STMicroelectronics SRT512_08 Datasheet HTML 32Page - STMicroelectronics SRT512_08 Datasheet HTML 33Page - STMicroelectronics SRT512_08 Datasheet HTML 34Page - STMicroelectronics SRT512_08 Datasheet HTML 35Page - STMicroelectronics SRT512_08 Datasheet HTML 36Page - STMicroelectronics SRT512_08 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
SRT512
SRT512 commands
33/46
8.6
Reset_to_inventory() command
Command code = 0Ch
On receiving the Reset_to_inventory() command, all SRT512 devices in Selected state
revert to Inventory state. The concerned SRT512 devices are thus resubmitted to the
anticollision sequence. This command is useful when two SRT512 devices with the same 8-
bit Chip_ID happen to be in Selected state at the same time. Forcing them to go through the
anticollision sequence again allows the reader to generates new Pcall16() commands and
so, to set new random Chip_IDs.
The Reset_to_inventory() command does not generate a response.
All SRT512 devices that are not in Selected state ignore the Reset_to_inventory()
command.
Figure 37.
Reset_to_inventory request format
Request parameter:
●
No parameter
Figure 38.
Reset_to_inventory response format
Figure 39.
Reset_to_inventory frame exchange between reader and SRT512
SOF
Reset_to_inventory
CRCL
CRCH
EOF
AI07682b
0Ch
8 bits
8 bits
AI07680
No Response
SOF
0Ch
CRCL
CRCH EOF
AI13512b
Reader
SRT512
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46