| 전자부품 데이터시트 검색엔진 |
|
ST62T53CM3 데이터시트(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T53CM3 데이터시트(HTML) 78 Page - STMicroelectronics |
|
78 / 84 page ![]() 78/84 ST62P53C/P60C/P63C 1 GENERAL DESCRIPTION 1.1 INTRODUCTION The ST62P53C, ST62P60C and ST62P63C are the Factory Advanced Service Technique ROM (FASTROM) versions of ST62T53C, ST6260B and ST62T63C OTP devices. They offer the same functionality as OTP devices, selecting as FASTROM options the options de- fined in the programmable option byte of the OTP version. 1.2 ORDERING INFORMATION The following section deals with the procedure for transfer of customer codes to STMicroelectronics. 1.2.1 Transfer of Customer Code Customer code is made up of the ROM contents and the list of the selected FASTROM options. The ROM contents are to be sent on diskette, or by electronic means, with the hexadecimal file generated by the development tool. All unused bytes must be set to FFh. The selected options are communicated to STMi- croelectronics using the correctly filled OPTION LIST appended. See page 82. 1.2.2 Listing Generation and Verification When STMicroelectronics receives the user’s ROM contents, a computer listing is generated from it. This listing refers exactly to the ROM con- tents and options which will be used to produce the specified MCU. The listing is then returned to the customer who must thoroughly check, com- plete, sign and return it to STMicroelectronics. The signed listing forms a part of the contractual agree- ment for the production of the specific customer MCU. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Table 24. ROM Memory Map for ST62P60C Table 25. ROM Memory Map: ST62P53C/P63C Table 26. FASTROM Version Ordering Information (*) Advanced information Device Address Description 0000h-007Fh 0080h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh Reserved User ROM Reserved Interrupt Vectors Reserved NMI Interrupt Vector Reset Vector Device Address Description 0000h-087Fh 0880h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh Reserved User ROM Reserved Interrupt Vectors Reserved NMI Interrupt Vector Reset Vector Sales Type ROM (Bytes) EEPROM (Bytes) Temperature Range Package ST62P53CB1/XXX ST62P53CB6/XXX ST62P53CB3/XXX (*) 1836 - 0 to + 70°C -40 to + 85°C -40 to + 125°C PDIP20 ST62P53CM1/XXX ST62P53CM6/XXX ST62P53CM3/XXX (*) 0 to + 70°C -40 to + 85°C -40 to + 125°C PSO20 ST62P60CB1/XXX ST62P60CB6/XXX ST62P60CB3/XXX (*) 3884 128 0 to + 70°C -40 to + 85°C -40 to + 125°C PDIP20 ST62P60CM1/XXX ST62P60CM6/XXX ST62P60CM3/XXX (*) 0 to + 70°C -40 to + 85°C -40 to + 125°C PSO20 ST62P63CB1/XXX ST62P63CB6/XXX ST62P63CB3/XXX (*) 1836 64 0 to + 70°C -40 to + 85°C -40 to + 125°C PDIP20 ST62P63CM1/XXX ST62P63CM6/XXX ST62P63CM3/XXX (*) 0 to + 70°C -40 to + 85°C -40 to + 125°C PSO20 1 |