전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST62T55CB3 데이터시트(PDF) 58 Page - STMicroelectronics

부품명 ST62T55CB3
상세설명  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T55CB3 데이터시트(HTML) 58 Page - STMicroelectronics

Back Button ST62T55CB3 Datasheet HTML 54Page - STMicroelectronics ST62T55CB3 Datasheet HTML 55Page - STMicroelectronics ST62T55CB3 Datasheet HTML 56Page - STMicroelectronics ST62T55CB3 Datasheet HTML 57Page - STMicroelectronics ST62T55CB3 Datasheet HTML 58Page - STMicroelectronics ST62T55CB3 Datasheet HTML 59Page - STMicroelectronics ST62T55CB3 Datasheet HTML 60Page - STMicroelectronics ST62T55CB3 Datasheet HTML 61Page - STMicroelectronics ST62T55CB3 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
58/86
ST62T55C ST62T65C/E65C
SERIAL PERIPHERAL INTERFACE SPI (Cont’d)
Figure 33. CPOL = 0 Clock Polarity Normal, CPHA = 1 Phase Selection Shifted
Figure 34. CPOL = 1 Clock Polarity Inverted, CPHA = 1 Phase Selection Shifted
SPRUN
SCK
Sout
b7
b6
b5
b4
b3
b2
b1
b0
VR0B1694
Sin
Sampling
SPRUN
SCK
Sout
b7
b6
b5
b4
b3
b2
b1
b0
VR0C1694
Sin
Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86