| 전자부품 데이터시트 검색엔진 |
|
STA308A 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA308A 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 63 page ![]() STA308A Pin connections 9/63 2 Pin connections Figure 3. Pin connection (Top view) Table 2. Pin description Pin Type Name Description 1 5-V tolerant TTL input buffer MVO/DSD_CLK Master volume override/ DSD input clock 6 5-V tolerant TTL input buffer SDI_78/DSD_6 Input serial data channels 7 & 8/ DSD input channel 6 7 5-V tolerant TTL input buffer SDI_56/DSD_5 Input serial data channels 5 & 6/ DSD input channel 5 8 5-V tolerant TTL input buffer SDI_34/DSD_4 Input serial data channels 3 & 4/ DSD input channel 4 9 5-V tolerant TTL input buffer SDI_12/DSD_3 Input serial data channels 1 & 2/ DSD input channel 3 10 5-V tolerant TTL input buffer LRCKI/DSD_2 Input left/right clock/ DSD input channel 2 11 5-V tolerant TTL input buffer BICKI/DSD_1 Input serial clock/ DSD input channel 1 15 5-V tolerant TTL schmitt trigger input buffer RESET Global reset 16 CMOS input buffer with pull-down PLL_BYPASS Bypass phase locked loop 1 2 3 5 6 4 7 8 9 10 27 11 28 29 30 31 32 59 58 57 56 54 55 53 52 51 50 49 43 42 41 39 38 40 48 47 46 44 45 SDI_78 NC GND GND MVO VDD BICKI LRCKI SDI_12 SDI_56 SDI_34 OUT3_A OUT3_B OUT4_A OUT5_A OUT5_B OUT4_B OUT2_A OUT2_B NC VDD GND STA308APINCON 22 23 24 25 26 60 61 62 63 64 17 18 19 20 21 37 36 34 33 35 NC GND OUT6_A OUT6_B VDD 12 13 14 15 16 PLLB RESET NC VDD GND |