전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA323W 데이터시트(PDF) 72 Page - STMicroelectronics

부품명 STA323W
상세설명  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W 데이터시트(HTML) 72 Page - STMicroelectronics

Back Button STA323W_08 Datasheet HTML 68Page - STMicroelectronics STA323W_08 Datasheet HTML 69Page - STMicroelectronics STA323W_08 Datasheet HTML 70Page - STMicroelectronics STA323W_08 Datasheet HTML 71Page - STMicroelectronics STA323W_08 Datasheet HTML 72Page - STMicroelectronics STA323W_08 Datasheet HTML 73Page - STMicroelectronics STA323W_08 Datasheet HTML 74Page - STMicroelectronics STA323W_08 Datasheet HTML 75Page - STMicroelectronics STA323W_08 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
User-programmable settings
STA323W
72/77
8.10.3
PLL unlock indicator
Under normal conditions (with the correct clock) the PLL is locked into an internal clocking
frequency. However, if the clock is insufficient or if it is abruptly lost, the PLL lock state is lost
and this information is relayed to the user via setting the PLLUL bit of the Status register
to 1. As soon as the PLL reverts back to a locked state, this bit is set to 0.
Table 73.
PLL unlock indicator
Bit
R/W
RST
Name
Description
7RO
0
PLLUL
0: normal operation (PLL is in a locked state)
1: PLL unlock is detected (due to probable clock loss)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77