전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA529B 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 STA529B
상세설명  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529B 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button STA529B Datasheet HTML 49Page - STMicroelectronics STA529B Datasheet HTML 50Page - STMicroelectronics STA529B Datasheet HTML 51Page - STMicroelectronics STA529B Datasheet HTML 52Page - STMicroelectronics STA529B Datasheet HTML 53Page - STMicroelectronics STA529B Datasheet HTML 54Page - STMicroelectronics STA529B Datasheet HTML 55Page - STMicroelectronics STA529B Datasheet HTML 56Page - STMicroelectronics STA529B Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
STA529
Package information
53/58
11
Package information
This section includes packaging information for the following packages:
●
TFBGA48
●
VFQFPN52
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These package have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
11.1
Package TFBGA48
Figure 17.
Mechanical data (TFBGA48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58