전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6585D 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 L6585D
상세설명  Combo IC for PFC and ballast control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6585D 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button L6585D Datasheet HTML 17Page - STMicroelectronics L6585D Datasheet HTML 18Page - STMicroelectronics L6585D Datasheet HTML 19Page - STMicroelectronics L6585D Datasheet HTML 20Page - STMicroelectronics L6585D Datasheet HTML 21Page - STMicroelectronics L6585D Datasheet HTML 22Page - STMicroelectronics L6585D Datasheet HTML 23Page - STMicroelectronics L6585D Datasheet HTML 24Page - STMicroelectronics L6585D Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
L6585D
Package mechanical data
21/25
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25