| 전자부품 데이터시트 검색엔진 |
|
STP4NA80FI 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP4NA80FI 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() STP4NA80 STP4NA80FI N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR s TYPICAL RDS(on) = 2.4 Ω s ± 30V GATE TO SOURCE VOLTAGE RATING s 100% AVALANCHE TESTED s REPETITIVE AVALANCHE DATA AT 100 oC s LOW INTRINSIC CAPACITANCES s GATE GHARGE MINIMIZED s REDUCED THRESHOLD VOLTAGE SPREAD DESCRIPTION This series of POWER MOSFETS represents the most advanced high voltage technology. The optimized cell layout coupled with a new proprietary edge termination concur to give the device low RDS(on) and gate charge, unequalled ruggedness and superior switching performance. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE INTERNAL SCHEMATIC DIAGRAM TYPE VDSS R DS(on) ID STP4NA80 STP4NA80FI 800 V 800 V <3 Ω <3 Ω 4A 2.5 A 1 2 3 TO-220 ISOWATT220 February 1994 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Unit STP4NA80 STP4NA80FI VDS Drain-source Voltage (VGS =0) 800 V VDG R Drain-gate Volt age (RGS =20 k Ω)800 V VGS Gate-source Voltage ± 30 V ID Drain Current (cont inuous) at T c =25 oC4 2.5 A ID Drain Current (cont inuous) at T c =100 oC2.5 1.6 A IDM( •) Drain Current (pulsed) 16 16 A Ptot Total Dissipation at Tc =25 oC 110 45 W Derating Factor 0. 88 0.36 W/ oC VISO I nsulat ion Withstand Voltage (DC) 2000 V Tstg St orage Temperat ure -65 to 150 oC Tj Max. Operat ing Junction Temperature 150 oC ( •) Pulse width limited by safe operating area 1 2 3 1/10 |
유사한 부품 번호 - STP4NA80FI |
|
유사한 설명 - STP4NA80FI |