전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STN8810 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STN8810
상세설명  Mobile multimedia application processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8810 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STN8810_08 Datasheet HTML 8Page - STMicroelectronics STN8810_08 Datasheet HTML 9Page - STMicroelectronics STN8810_08 Datasheet HTML 10Page - STMicroelectronics STN8810_08 Datasheet HTML 11Page - STMicroelectronics STN8810_08 Datasheet HTML 12Page - STMicroelectronics STN8810_08 Datasheet HTML 13Page - STMicroelectronics STN8810_08 Datasheet HTML 14Page - STMicroelectronics STN8810_08 Datasheet HTML 15Page - STMicroelectronics STN8810_08 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Package mechanical data
STn8810
12/15
2
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 3.
TFBGA outline (bottom and side views)
Note:
The terminal A1 corner is identified on the top surface by using a corner chamfer,
ink or metallized markings.
13
5
7
9
11
13
15
17
19
21
2
4
6
8
10
12
14
16
18
20
22
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
e
D1
D
f
A2
C
Seating
plane
A
A1
C
ddd
Bottom view
A1 ball pad corner
(see note)
φb (288+36 = 324 balls)
Side view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16