전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW5098 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 STW5098
상세설명  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button STW5098_07 Datasheet HTML 24Page - STMicroelectronics STW5098_07 Datasheet HTML 25Page - STMicroelectronics STW5098_07 Datasheet HTML 26Page - STMicroelectronics STW5098_07 Datasheet HTML 27Page - STMicroelectronics STW5098_07 Datasheet HTML 28Page - STMicroelectronics STW5098_07 Datasheet HTML 29Page - STMicroelectronics STW5098_07 Datasheet HTML 30Page - STMicroelectronics STW5098_07 Datasheet HTML 31Page - STMicroelectronics STW5098_07 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
STw5098
Functional description
27/85
4.18
Microphone biasing circuits
The Microphone Biasing Circuits can drive mono or stereo microphones and can switch
them off when not needed in order to save the current used by the microphone biasing
network on each entity. Two bits control the behavior of the microphone bias circuit: MBIAS
in CR17 enables the circuit (fixed voltage at MBIAS pin), while bit MBIASPD in CR17 affects
the behavior of MBIAS pin when the function is not enabled. In particular when MBIASPD=1
the MBIAS pin is pulled down, otherwise it is left in tristate mode. The specification for the
microphone biasing circuits can be found in
Section 10.6 on page 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86