전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL1020IF 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TSL1020IF
상세설명  20 1 channel buffer for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1020IF 데이터시트(HTML) 3 Page - STMicroelectronics

  TSL1020IF Datasheet HTML 1Page - STMicroelectronics TSL1020IF Datasheet HTML 2Page - STMicroelectronics TSL1020IF Datasheet HTML 3Page - STMicroelectronics TSL1020IF Datasheet HTML 4Page - STMicroelectronics TSL1020IF Datasheet HTML 5Page - STMicroelectronics TSL1020IF Datasheet HTML 6Page - STMicroelectronics TSL1020IF Datasheet HTML 7Page - STMicroelectronics TSL1020IF Datasheet HTML 8Page - STMicroelectronics TSL1020IF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TSL1020
Typical application schematics
3/16
2
Typical application schematics
Figure 1.
A typical application schematic for the TSL1020
Note that:
●
Amplifiers A & B have their input voltages in the range VSS+1.5V to VDD. This is why
they must be used for high level gamma correction voltages.
●
Amplifiers C to T have their input voltages in the range VSS to VDD-1.5V. This is why
they must be used for medium-to-low level gamma correction voltages.
●
Amplifier COM has its input voltage range from VSS to VDD-1.5V.
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R1
Gnd
Gnd
Com Ref. Voltage
Vcc
+ Cs
10uF
Gnd
Gamma 7
Gamma 8
Gamma 9
Gamma 10
Gamma 11
Gamma 12
Gamma 13
Gamma 14
Gamma 15
Gamma 16
Gamma 17
Gamma 18
Gamma 19
VCOM
To colunm driver
R15
R16
R17
R18
Gamma 0
Gamma 1
Gamma 4
Gamma 5
Gamma 6
R20
R21
R19
COM
A
B
C
D
E
F
G
H
I
J
O
P
Q
R
48
1
2
8
9
10
7
11
12
13
14
15
16
17
18
19
30
20
21
22
23
24
25
26
42
27
28
29
35
36
37
38
41
43
44
47
VSS
VDD
K
L
M
N
4
5
6
31
32
33
34
3
S
39
46
T
40
45
TSL1020
Gamma 3
Gamma 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16