전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZVG55W-3 데이터시트(PDF) 3 Page - SunLED Corporation

부품명 ZVG55W-3
상세설명  3.2x1.6mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG55W-3 데이터시트(HTML) 3 Page - SunLED Corporation

  ZVG55W-3 Datasheet HTML 1Page - SunLED Corporation ZVG55W-3 Datasheet HTML 2Page - SunLED Corporation ZVG55W-3 Datasheet HTML 3Page - SunLED Corporation ZVG55W-3 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : FEB 23, 2008
Drawing No : SDSA4505
V3
Checked : B.L.LIU
P.3/4
Part Number:
ZVG55W-3
3.2x1.6mm SMD CHIP LED LAMP
www.SunLED.com
Tape Specification (Units : mm)
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
The device has a single mounting surface. The device
must be mounted according to the specifications.
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4