| 전자부품 데이터시트 검색엔진 |
|
AAT8660C 데이터시트(PDF) 17 Page - Advanced Analog Technology, Inc. |
|
|
|||||||||||||||||||||||||||||
AAT8660C 데이터시트(HTML) 17 Page - Advanced Analog Technology, Inc. |
|
17 / 25 page ![]() Advanced Analog Technology, Inc. – 台灣類比科技股份有限公司 – – Advanced Analog Technology, Inc. – Page 17 of 25 V2.0 AAT8660 Series SUMMARY OF AAT8660 DETECTION VOLTAGE AND DELAY TIME (25℃) PARAMETER SYMBOL DEVICE MIN TYP MAX UNIT VOC1 AAT8660A 130 150 170 mV AAT8660B 130 150 170 mV AAT8660C 80 100 120 mV AAT8660D 110 130 150 mV AAT8660E 80 100 120 mV AAT8660F 80 100 120 mV AAT8660G 180 200 220 mV AAT8660H 130 150 170 mV AAT8660I 110 130 150 mV AAT8660J 180 200 220 mV Over Current Level 1 Detection Voltage AAT8660K 80 100 120 mV VOC2 AAT8660A 400 500 600 mV AAT8660B 400 500 600 mV AAT8660C 400 480 600 mV AAT8660D 400 490 600 mV AAT8660E 400 480 600 mV AAT8660F 400 480 600 mV AAT8660G 400 510 600 mV AAT8660H 400 500 600 mV AAT8660I 400 490 600 mV AAT8660J 400 510 600 mV Over Current Level 2 Detection Voltage AAT8660K 400 480 600 mV tOC1 AAT8660A 5.6 8 10.4 ms AAT8660B 2.8 4 5.2 ms AAT8660C 5.6 8 10.4 ms AAT8660D 5.6 8 10.4 ms AAT8660E 5.6 8 10.4 ms AAT8660F 5.6 8 10.4 ms AAT8660G 2.8 4 5.2 ms AAT8660H 5.6 8 10.4 ms AAT8660I 5.6 8 10.4 ms AAT8660J 5.6 8 10.4 ms Over Current Level 1 Detection Delay Time AAT8660K 5.6 8 10.4 ms |