전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPCI2HEYC 데이터시트(PDF) 74 Page - STMicroelectronics

부품명 STPCI2HEYC
상세설명  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2HEYC 데이터시트(HTML) 74 Page - STMicroelectronics

Back Button STPCI2HEYC Datasheet HTML 70Page - STMicroelectronics STPCI2HEYC Datasheet HTML 71Page - STMicroelectronics STPCI2HEYC Datasheet HTML 72Page - STMicroelectronics STPCI2HEYC Datasheet HTML 73Page - STMicroelectronics STPCI2HEYC Datasheet HTML 74Page - STMicroelectronics STPCI2HEYC Datasheet HTML 75Page - STMicroelectronics STPCI2HEYC Datasheet HTML 76Page - STMicroelectronics STPCI2HEYC Datasheet HTML 77Page - STMicroelectronics STPCI2HEYC Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
MECHANICAL DATA
74/111
Issue 1.0 - July 24, 2002
5.3. SOLDERING RECOMMENDATIONS
High
quality,
low
defect
soldering
requires
identifying the optimum temperature profile for
reflowing the solder paste, therefore optimizing
the process. The heating and cooling rise rates
must be compatible with the solder paste and
components. A typical profile consists of a
preheat, dryout, reflow and cooling sections.
The most critical parameter in the preheat
section is to minimize the rate of temperature rise
to less than
2°C / second, in order to minimize
thermal
shock
on
the
semi-conductor
components.
Dryout section is used primarily to ensure that
the solder paste is fully dried before hitting reflow
temperatures.
Solder reflow is accomplished in the reflow zone,
where
the
solder
paste
is
elevated
to
a
temperature greater than the melting point of the
solder. Melting temperature must be exceeded by
approximately 20
°C to ensure quality reflow.
In reality the profile is not a line, but rather a range
of temperatures
all solder joints must be
exposed. The total temperature deviation from
component thermal mismatch, oven loading and
oven uniformity must be within the band.
Figure 5-7. Reflow soldering temperature range
Temperature (
°C )
Time ( s )
PREHEAT
DRYOUT
REFLOW
COOLING
240
0
250
200
150
100
50
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More