| 전자부품 데이터시트 검색엔진 |
|
STPC12HDYC 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC12HDYC 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 111 page ![]() PIN DESCRIPTION Issue 1.0 - July 24, 2002 29/111 Table 2-6. Pinout Pin# Pin Name D15 SYSRSETI# C15 SYSRSETO# AF21 XTALI AF22 XTALO AF23 PCI_CLKI AF24 PCI_CLKO E15 ISA_CLK A16 ISA_CLK2X AB18 OSC14M AB24 HCLK AB25 DEV_CLK1/FCS1# AC18 DCLK AF20 MCLKI AF19 MCLKO U5 MA[0] V1 MA[1] V2 MA[2] V3 MA[3] V4 MA[4] V5 MA[5] W1 MA[6] W2 MA[7] W3 MA[8] W5 MA[9] Y1 MA[10] Y2 BA[0] U3 RAS#[0] U4 RAS#[1] R5 CAS#[0] T1 CAS#[1] R4 MWE# J4 MD[0] J2 MD[1] K5 MD[2] K3 MD[3] K1 MD[4] L4 MD[5] L2 MD[6] M5 MD[7] M3 MD[8] M1 MD[9] N4 MD[10] N2 MD[11] P1 MD[12] P3 MD[13] P5 MD[14] R2 MD[15] AA4 MD[16] AB1 MD[17] Note1; This signal is multiplexed see Table 2-4 AB3 MD[18] AC1 MD[19] AC3 MD[20] AD2 MD[21] AF3 MD[22] AE4 MD[23] AF4 MD[24] AD5 MD[25] AF5 MD[26] AC6 MD[27] AF6 MD[28] AC7 MD[29] AE7 MD[30] AB8 MD[31] J3 MD[32] J1 MD[33] K4 MD[34] K2 MD[35] L5 MD[36] L3 MD[37] L1 MD[38] M4 MD[39] M2 MD[40] N5 MD[41] N3 MD[42] N1 MD[43] P2 MD[44] P4 MD[45] R1 MD[46] R3 MD[47] AA5 MD[48] AB2 MD[49] AB4 MD[50] AC2 MD[51] AD1 MD[52] AE3 MD[53] AD4 MD[54] AC5 MD[55] AB6 MD[56] AE5 MD[57] AB7 MD[58] AD6 MD[59] AE6 MD[60] AD7 MD[61] AF7 MD[62] AC8 MD[63] U1 CS#[0] U2 CS#[1] Y3 CS#[2]/MA[11] Y4 CS#[3]/MA[12]/BA[1] T2 DQM[0] Table 2-6. Pinout Pin# Pin Name Note1; This signal is multiplexed see Table 2-4 T4 DQM[1] Y5 DQM[2] AA2 DQM[3] T3 DQM[4] T5 DQM[5] AA1 DQM[6] AA3 DQM[7] B3 AD[0] A3 AD[1] C4 AD[2] B4 AD[3] A4 AD[4] D5 AD[5] C5 AD[6] B5 AD[7] A5 AD[8] D6 AD[9] C6 AD[10] B6 AD[11] A6 AD[12] E7 AD[13] D7 AD[14] C7 AD[15] A9 AD[16] E10 AD[17] C10 AD[18] B10 AD[19] A10 AD[20] E11 AD[21] D11 AD[22] C11 AD[23] A11 AD[24] E12 AD[25] D12 AD[26] C12 AD[27] B12 AD[28] A12 AD[29] E13 AD[30] D13 AD[31] E6 CBE[0] B7 CBE[1] B9 CBE[2] B11 CBE[3] C9 FRAME# E9 TRDY# D9 IRDY# B8 STOP# A8 DEVSEL# A7 PAR D8 PERR# Table 2-6. Pinout Pin# Pin Name Note1; This signal is multiplexed see Table 2-4 |