전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5986A 데이터시트(PDF) 34 Page - STMicroelectronics

부품명 L5986A
상세설명  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986A 데이터시트(HTML) 34 Page - STMicroelectronics

Back Button L5986A Datasheet HTML 30Page - STMicroelectronics L5986A Datasheet HTML 31Page - STMicroelectronics L5986A Datasheet HTML 32Page - STMicroelectronics L5986A Datasheet HTML 33Page - STMicroelectronics L5986A Datasheet HTML 34Page - STMicroelectronics L5986A Datasheet HTML 35Page - STMicroelectronics L5986A Datasheet HTML 36Page - STMicroelectronics L5986A Datasheet HTML 37Page - STMicroelectronics L5986A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
L5986 - L5986A
Package mechanical data
34/39
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of the
second level interconnect is marked on the package and on the inner box label, in
compliance with the JEDEC Standard JESD97. The maximum ratings related to soldering
condition are also marked on the inner box label. ECOPACK® is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39