전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST3237EB 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 ST3237EB
상세설명  ± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237EB 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button ST3237EB_07 Datasheet HTML 6Page - STMicroelectronics ST3237EB_07 Datasheet HTML 7Page - STMicroelectronics ST3237EB_07 Datasheet HTML 8Page - STMicroelectronics ST3237EB_07 Datasheet HTML 9Page - STMicroelectronics ST3237EB_07 Datasheet HTML 10Page - STMicroelectronics ST3237EB_07 Datasheet HTML 11Page - STMicroelectronics ST3237EB_07 Datasheet HTML 12Page - STMicroelectronics ST3237EB_07 Datasheet HTML 13Page - STMicroelectronics ST3237EB_07 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application note
ST3237EB
10/18
6
Application note
This application note describes the procedure for determining the susceptibility and the test
method to verify ST ESD advanced protection on RS-232 or RS485 I/O device.
Static electricity is defined as an electrical charge caused by an imbalance of electrons on
the surface of a material. This imbalance of electrons produces an electric field that can be
measured and that can influence other objects at a distance. Electrostatic discharge is
defined as the transfer of charge between bodies at different electrical potentials.
Electrostatic discharge (ESD) can change the electrical characteristics of a semiconductor
device, degrading or destroying it. Any input or output port (I/O) allows access
communication with other pieces of equipment by external connectors. These connectors
are directly linked by the I/O pins of RS-232 or RS485 interface. ST provides the E-series by
advanced high ESD protection structure. The protection functionality is tested in two
different conditions:
The first model is used to simulate the HUMAN BODY MODEL (HBM) event. A similar
discharge can occur from a charged conductive object, such as a metallic tool or fixture. The
model used to characterize this event is known as the machine model. A human body model
circuit and waveform is presented in figures below.
Figure 7.
Human body model circuit
Figure 8.
Human body model current waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18