전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNI4140K 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 VNI4140K
상세설명  Quad high side smart power solid state relay S
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI4140K 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button VNI4140K Datasheet HTML 16Page - STMicroelectronics VNI4140K Datasheet HTML 17Page - STMicroelectronics VNI4140K Datasheet HTML 18Page - STMicroelectronics VNI4140K Datasheet HTML 19Page - STMicroelectronics VNI4140K Datasheet HTML 20Page - STMicroelectronics VNI4140K Datasheet HTML 21Page - STMicroelectronics VNI4140K Datasheet HTML 22Page - STMicroelectronics VNI4140K Datasheet HTML 23Page - STMicroelectronics VNI4140K Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
VNI4140K
Package mechanical data
21/24
Figure 17. PowerSSO-24™ tape dimensions
Note:
According to Electronic Industries Association (EIA) Standard 481 rev. A, Feb 1986
Table 12.
PowerSSO-24™ tape dimensions
Tape width
W
24
Tape hole spacing
P0 (± 0.1)
4
Component spacing
P
12
Hole diameter
D (± 0.05)
1.55
Hole diameter
D1 (min)
1.5
Hole position
F (± 0.1)
11.5
Compartment depth
K (max)
2.85
Hole spacing
P1 (± 0.1)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24