전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DO-214AA 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 DO-214AA
상세설명  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DO-214AA 데이터시트(HTML) 4 Page - STMicroelectronics

  DO-214AA Datasheet HTML 1Page - STMicroelectronics DO-214AA Datasheet HTML 2Page - STMicroelectronics DO-214AA Datasheet HTML 3Page - STMicroelectronics DO-214AA Datasheet HTML 4Page - STMicroelectronics DO-214AA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
01
2
3
45
0
20
40
60
80
100
120
140
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 8-2: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, copper thickness: 35
µm)
(SMA).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 8-1: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, copper thickness:
35
µm) (SMB).
PACKAGE MECHANICAL DATA
SMA
FOOT PRINT DIMENSIONS (in millimeters)
2.40
1.65
1.45
1.45
E
C
L
E1
D
A1
A2
b
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.70
0.075
0.106
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.41
0.006
0.016
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.156
0.181
D
2.25
2.95
0.089
0.116
L
0.75
1.60
0.030
0.063
STPS1L30A/U
4/5



Html Pages

1 2 3 4 5