| 전자부품 데이터시트 검색엔진 |
|
M24C01RMB3TP 데이터시트(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01RMB3TP 데이터시트(HTML) 21 Page - STMicroelectronics |
|
21 / 34 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 DC and AC parameters 21/34 Figure 10. AC measurement I/O waveform Table 12. DC characteristics (M24Cxx-F) Symbol Parameter Test condition (in addition to those in Table 7) Min. Max. Unit ILI Input leakage current (SCL, SDA, E0, E1,and E2) VIN = VSS or VCC, device in Standby mode ± 2 µA ILO Output leakage current VOUT = VSS or VCC, SDA in Hi-Z ± 2 µA ICC Supply current VCC = 1.7 V, fc= 400 kHz (rise/fall time < 50 ns) 0.8 mA ICC1 Standby supply current VIN = VSS or VCC, VCC = 1.7 V 1 µA VIL Input low voltage (SDA, SCL, WC) 2.5 V ≤V CC –0.45 0.3 VCC V 1.7 V ≤V CC < 2.5V –0.45 0.25VCC V VIH Input high voltage (SDA, SCL, WC) 0.7VCC VCC+1 V VOL Output low voltage IOL = 0.7 mA, VCC = 1.7 V 0.2 V Table 13. AC measurement conditions Symbol Parameter Min. Max. Unit CL Load capacitance 100 pF Input rise and fall times 50 ns Input levels 0.2VCC to 0.8VCC V Input and output timing reference levels 0.3VCC to 0.7VCC V Table 14. Input parameters Symbol Parameter(1) 1. Sampled only, not 100% tested. Test condition Min. Max. Unit CIN Input capacitance (SDA) 8 pF CIN Input capacitance (other pins) 6 pF ZWCL WC input impedance VIN < 0.3 V 15 70 k Ω ZWCH WC input impedance VIN > 0.7VCC 500 k Ω tNS Pulse width ignored (input filter on SCL and SDA) Single glitch 100 ns AI00825B 0.8VCC 0.2VCC 0.7VCC 0.3VCC Input and Output Timing Reference Levels Input Levels |