| 전자부품 데이터시트 검색엔진 |
|
STPS20H100CG 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS20H100CG 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 7 page ![]() STPS20H100CT/CF/CG/CG-1 6/7 PACKAGE MECHANICAL DATA D 2PAK A C2 D R 2.0 MIN. FLAT ZONE A2 V2 C A1 G L L3 L2 B B2 E REF. DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.30 4.60 0.169 0.181 A1 2.49 2.69 0.098 0.106 A2 0.03 0.23 0.001 0.009 B 0.70 0.93 0.027 0.037 B2 1.25 1.40 0.049 0.055 C 0.45 0.60 0.017 0.024 C2 1.21 1.36 0.047 0.054 D 8.95 9.35 0.352 0.368 E 10.00 10.28 0.393 0.405 G 4.88 5.28 0.192 0.208 L 15.00 15.85 0.590 0.624 L2 1.27 1.40 0.050 0.055 L3 1.40 1.75 0.055 0.069 R 0.40 0.016 V2 0 ° 8 ° 0 ° 8 ° 8.90 3.70 1.30 5.08 16.90 10.30 FOOT PRINT DIMENSIONS (in millimeters) |