| 전자부품 데이터시트 검색엔진 |
|
BD237 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD237 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() July 2007 Rev 2 1/9 9 BD235 BD237 NPN power transistors Features ■ NPN transistors Applications ■ Audio, power linear and switching application Description The devices are manufactured in Planar technology with “Base Island” layout. The resulting transistor shows exceptional high gain performance coupled with very low saturation voltage. The PNP types are BD236 and BD238 respectively. . Figure 1. Internal schematic diagram SOT-32 3 2 1 (TO-126) www.st.com Table 1. Device summary Order code Marking Package Packaging BD235 BD237 BD235 BD237 SOT-32 SOT-32 Tube Tube |
유사한 부품 번호 - BD237 |
|
유사한 설명 - BD237 |