전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCF5251CVM140 데이터시트(PDF) 21 Page - Freescale Semiconductor, Inc

부품명 MCF5251CVM140
상세설명  ColdFire짰 Microprocessor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5251CVM140 데이터시트(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF5251CVM140 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Package Information and Pinout
MCF5251 ColdFire Processor Data Sheet: Technical Data, Rev. 3
Freescale Semiconductor
21
CS1/QSPICS3/
GPIO28
IO / 2 mA
30
CS1
QSPICS3
25
IO28
Negated M7
–
SDRAM Controller
BCLK/GPIO40
IO / 8 mA
15
BCLK
––
IO40
–
B
5
–
BCLKE/GPIO63
IO / 8 mA
20
BCLKE
––
IO63
–
E
6
–
SDLDQM/GPO52
O / 8 mA
20
SDLDQM
––
O52
–
C
6
–
SDUDQM/GPO53
O / 8 mA
20
SDUDQM
––
O53
–
A
5
–
SDWE/GPIO38
IO / 8 mA
20
SDWE
––
IO38
Negated C7
–
SDCS0/GPIO60
IO / 8 mA
20
SDCS0
––
IO60
Negated B6
–
SDRAS/GPIO59
IO / 8 mA
20
SDRAS
––
IO59
Negated A6
–
SDCAS/GPIO39
IO / 8 mA
20
SDCAS
––
IO39
Negated D6
–
ATA Interface
ATA_A0
O / 2 mA
40
––
–
–
–
A
8
–
ATA_A1
O / 2 mA
40
––
–
–
–
B
7
–
ATA_A2
O / 2 mA
40
––
–
–
–
B
8
–
ATA_D0
IO / 8 mA
40
––
–
–
–
B
9
–
ATA_D1
IO / 8 mA
40
––
–
–
–
A
9
–
ATA_D2
IO / 8 mA
40
––
–
–
–
F
8
–
ATA_D3
IO / 8 mA
40
––
–
–
–
F
9
–
ATA_D4
IO / 8 mA
40
––
–
–
–
B
1
0
–
ATA_D5
IO / 8 mA
40
––
–
–
–
C
1
0
–
ATA_D6
IO / 8 mA
40
––
–
–
–
A
1
0
–
ATA_D7
IO / 8 mA
40
––
–
–
–
D
1
0
–
ATA_D8
IO / 8 mA
40
––
–
–
–
D
1
1
–
ATA_D9
IO / 8 mA
40
––
–
–
–
B
1
1
–
ATA_D10
IO / 8 mA
40
––
–
–
–
C
1
1
–
ATA_D11
IO / 8 mA
40
––
–
–
–
A
1
1
–
ATA_D12
IO / 8 mA
40
––
–
–
–
A
1
2
–
ATA_D13
IO / 8 mA
40
––
–
–
–
E
1
1
–
ATA_D14
IO / 8 mA
40
––
–
–
–
B
1
2
–
ATA_D15
IO / 8 mA
40
––
–
–
–
D
1
2
–
ATA_CS0
O / 2 mA
40
––
–
–
–
C
9
–
ATA_CS1
O / 2 mA
40
––
–
–
–
D
9
–
ATA_DIOR
O / 8 mA
40
––
–
–
–
B
1
5
–
ATA_DIOW
O / 8 mA
40
––
–
–
–
A
1
3
–
ATA_IORDY
I
––
–
–
–
–
D
7
–
ATA_INTRQ
I
––
–
–
–
–
D
8
–
ATA_DMARQ
I
––
–
–
–
–
A
7
–
ATA_DMACK
O / 8 mA
40
––
–
–
–
C
1
2
–
ATA_RST
O / 2 mA
40
––
–
–
–
C
8
–
Clock Generation
CRIN
––
–
–
–
–
–
M
3
Main Processor Clock Input
CROUT
––
–
–
–
–
–
N
2
Main Processor Clock Output
RTC_CRIN
A
––
–
–
–
–
J
1
Real Time Clock (32.768 kHz)
Input
RTCCROUT
A
––
–
–
–
–
K
2
Real Time Clock (32.768 kHz)
Output
Table 18. 225 MAPBGA Pin Assignment (continued)
Name
Drive Type/
Strength
Load
(pF)
1st
Function
2nd
Function
Pinconfig
Register
Bit
GP
Pin
Reset
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com