전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5200B 데이터시트(PDF) 25 Page - Freescale Semiconductor, Inc

부품명 MPC5200B
상세설명  SDRAM / DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B 데이터시트(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
25
Figure 11. Timing Diagram—Non-MUXed Mode
1.3.8.2
Burst Mode
Table 25. Burst Mode Timing
Sym
Description
Min
Max
Units Notes SpecID
tCSA
PCI CLK to CS assertion
4.6
10.6
ns
A7.22
tCSN
PCI CLK to CS negation
2.9
7.0
ns
A7.23
t1
CS pulse width
(1+WS+4LB*2*(32/DS))*
tPCIck
(1+WS+4LB*2*(32/DS))
*tPCIck
ns
(1),(2)
A7.24
t2
ADDR valid before CS assertion
tIPBIck
tPCIck
ns
A7.25
t3
ADDR hold after CS negation
-0.7
-
ns
A7.26
t4
OE assertion before CS assertion
-
4.8
ns
A7.27
t5
OE negation before CS negation
-
2.7
ns
A7.28
t6
RW valid before CS assertion
tPCIck
-
ns
A7.29
t7
RW hold after CS negation
tPCIck
-
ns
A7.30
t8
DATA setup before rising edge of
PCI clock
3.6
-
ns
A7.31
ADDR
DATA (rd)
CS[x]
R/W
DATA (wr)
OE
t10
t11
TS
t2
t6
t8
t7
t4
t3
t9
TSIZ[1:2]
t5
t17
t16
ACK
t12
t13
t14
t15
t1
PCI CLK
t18
t19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com