전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C01WMN6TG 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 M24C01WMN6TG
상세설명  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01WMN6TG 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button M24C01WMN6TG Datasheet HTML 3Page - STMicroelectronics M24C01WMN6TG Datasheet HTML 4Page - STMicroelectronics M24C01WMN6TG Datasheet HTML 5Page - STMicroelectronics M24C01WMN6TG Datasheet HTML 6Page - STMicroelectronics M24C01WMN6TG Datasheet HTML 7Page - STMicroelectronics M24C01WMN6TG Datasheet HTML 8Page - STMicroelectronics M24C01WMN6TG Datasheet HTML 9Page - STMicroelectronics M24C01WMN6TG Datasheet HTML 10Page - STMicroelectronics M24C01WMN6TG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Description
7/34
Figure 2.
8-pin package connections (top view)
1.
NC = Not connected
2.
See Section 7: Package mechanical for package dimensions, and how to identify pin-1.
SDA
VSS
SCL
WC
VCC
/ E2
AI02034E
M24Cxx
1
2
3
4
8
7
6
5
/ E2
/ E2
/ E2
NC
/ E1
/ E1
/ E1
/ NC
NC
/ E0
/ E0
/ NC
/ NC
NC
/1Kb
/2Kb
/4Kb
/8Kb
16Kb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34