전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST13005 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 ST13005
상세설명  High voltage fast-switching NPN power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13005 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button ST13005_07 Datasheet HTML 4Page - STMicroelectronics ST13005_07 Datasheet HTML 5Page - STMicroelectronics ST13005_07 Datasheet HTML 6Page - STMicroelectronics ST13005_07 Datasheet HTML 7Page - STMicroelectronics ST13005_07 Datasheet HTML 8Page - STMicroelectronics ST13005_07 Datasheet HTML 9Page - STMicroelectronics ST13005_07 Datasheet HTML 10Page - STMicroelectronics ST13005_07 Datasheet HTML 11Page - STMicroelectronics ST13005_07 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ST13005
Package mechanical data
9/12
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.49
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12