전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSD835G2V-70UI 데이터시트(PDF) 84 Page - STMicroelectronics

부품명 PSD835G2V-70UI
상세설명  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2V-70UI 데이터시트(HTML) 84 Page - STMicroelectronics

Back Button PSD835G2V-70UI Datasheet HTML 80Page - STMicroelectronics PSD835G2V-70UI Datasheet HTML 81Page - STMicroelectronics PSD835G2V-70UI Datasheet HTML 82Page - STMicroelectronics PSD835G2V-70UI Datasheet HTML 83Page - STMicroelectronics PSD835G2V-70UI Datasheet HTML 84Page - STMicroelectronics PSD835G2V-70UI Datasheet HTML 85Page - STMicroelectronics PSD835G2V-70UI Datasheet HTML 86Page - STMicroelectronics PSD835G2V-70UI Datasheet HTML 87Page - STMicroelectronics PSD835G2V-70UI Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
PSD835G2
PSD8XX Family
83
-70
-90
Turbo
Symbol
Parameter
Conditions
Min
Max
Min
Max
Off
Unit
tAVQV (PF)
Address Valid to Data Valid
(Note 3)
30
35
Add 12
ns
tSLQV (PF)
CSI Valid to Data Valid
25
35
Add 12
ns
RD to Data Valid
(Notes 1 and 4)
21
32
ns
tRLQV (PF)
RD to Data Valid 8031 Mode
31
38
ns
tDVQV (PF)
Data In to Data Out Valid
22
30
ns
tQXRH (PF)
RD Data Hold Time
0
0
ns
tRLRH (PF)
RD Pulse Width
(Note 1)
27
32
ns
tRHQZ (PF)
RD to Data High-Z
(Note 1)
23
25
ns
Port F Peripheral Data Mode Read Timing (5 V ± 10%)
-70
-90
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
tWLQV (PF)
WR to Data Propagation Delay
(Note 2)
25
35
ns
tDVQV (PF)
Data to Port F Data Propagation Delay
(Note 5)
22
30
ns
tWHQZ (PF)
WR Invalid to Port F Tri-state
(Note 2)
20
25
ns
Port F Peripheral Data Mode Write Timing (5 V ± 10%)
NOTES: 1. RD timing has the same timing as DS and PSEN signals.
2. WR timing has the same timing as E and DS signals.
3. Any input used to select Port F Data Peripheral Mode.
4. Data is already stable on Port F.
5. Data stable on ADIO pins to data on Port F.
Microcontroller Interface – PSD835G2 AC/DC Parameters
(5V ± 10% Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com