| 전자부품 데이터시트 검색엔진 |
|
STPS8H100G 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS8H100G 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() PACKAGE MECHANICAL DATA TO-220AC A C D E M L7 H2 ØI L5 L6 L9 L4 G F1 F L2 REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 4.40 4.60 0.173 0.181 C 1.23 1.32 0.048 0.051 D 2.40 2.72 0.094 0.107 E 0.49 0.70 0.019 0.027 F 0.61 0.88 0.024 0.034 F1 1.14 1.70 0.044 0.066 G 4.95 5.15 0.194 0.202 H2 10.00 10.40 0.393 0.409 L2 16.40 typ. 0.645 typ. L4 13.00 14.00 0.511 0.551 L5 2.65 2.95 0.104 0.116 L6 15.25 15.75 0.600 0.620 L7 6.20 6.60 0.244 0.259 L9 3.50 3.93 0.137 0.154 M 2.6 typ. 0.102 typ. Diam. I 3.75 3.85 0.147 0.151 PACKAGE MECHANICAL DATA ISOWATT220AC F G F1 H DE A B L7 L2 L6 L3 REF. DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.40 4.60 0.173 0.181 B 2.50 2.70 0.098 0.106 D 2.40 2.75 0.094 0.108 E 0.40 0.70 0.016 0.028 F 0.75 1.00 0.030 0.039 F1 1.15 1.70 0.045 0.067 G 4.95 5.20 0.195 0.205 H 10.00 10.40 0.394 0.409 L2 16.00 0.630 L3 28.60 30.60 1.125 1.205 L6 15.90 16.40 0.626 0.646 L7 9.00 9.30 0.354 0.366 Diam 3.00 3.20 0.118 0.126 STPS8H100D/F/G/G-1 5/7 |