| 전자부품 데이터시트 검색엔진 |
|
HD74LS156P 데이터시트(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS156P 데이터시트(HTML) 1 Page - Renesas Technology Corp |
|
1 / 7 page ![]() Rev.3.00, Jul.13.2005, page 1 of 6 HD74LS156 Dual 2-line-to-4-line Decoders / Demultiplexers (with open collector outputs) REJ03D0441–0300 Rev.3.00 Jul.13.2005 This circuit features dual 1-line-to-4-line demultiprexer with individual strobes and common binary-address input. When both sections are enabled by the strobes, the common binary-address inputs sequentially select and route associated input data to the appropriate output of each section. The individual strobes permit activating or inhibiting each of the 4-bit sections as desired. Data applied to input 1C is inverted through its outputs. The inverter following the 1C data input permits use as a 3-to-8-line decoder or 1-to-8-line demultiplexer without external gating. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS156P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS156RPEL SOP-16 pin (JEDEC) PRSP0016DG-A (FP-16DNV) FP EL (2,500 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) VCC GND Data 1C Strobe 1G Select Input B 1Y3 1Y2 1Y1 1Y0 Data 2C Strobe 2G 2Y3 Select Input A 2Y2 2Y1 2Y0 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 1 G 1C 2G 2C 1Y3 A B A B A B A B 1Y2 1Y1 1Y0 2Y3 2Y2 2Y1 2Y0 Outputs Outputs |
유사한 부품 번호 - HD74LS156P |
|
유사한 설명 - HD74LS156P |