| 전자부품 데이터시트 검색엔진 |
|
HD74LS195A 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS195A 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() HD74LS195A Rev.3.00, Jul.15.2005, page 2 of 7 Function Table Inputs Outputs Serial Parallel Clear Shift / Load Clock J K A B C D QA QB QC QD Q D L X X X X X X X X L L L L H H L ↑ X X a b c d a b c d d H H L X X X X X X QA0 QB0 QC0 QD0 Q D0 H H ↑ L H X X X X QA0 QA0 QBn QCn Q Cn H H ↑ L L X X X X L QAn QBn QCn Q Cn H H ↑ H H X X X X H QAn QBn QCn Q Cn H H ↑ H L X X X X Q An QAn QBn QCn Q Cn Notes: 1. H; high level, L; low level, X; irrelevant 2. ↑; transition from low to high level 3. a to d; the level of steady-state input at inputs A, B, C, or D, respectively 4. QA0 to QD0; the level of QA, QB, QC, or QD, respectively before the indicated steady-state input conditions were established. 5. QAn to QCn; the level of QA, QB, QC, respectively before the most-recent ↑ transition of the clock. Block Diagram parallel Outputs CK Clear S R QC QC CK Clear Parallel Inputs Serial Inputs Shift/Load Control Clock Clear S R QB QB CK Clear S R QD QD QD QD CK Clear S R A K J BC D QA QA QA Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |