전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6V7 데이터시트(PDF) 76 Page - Renesas Technology Corp

부품명 6V7
상세설명  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 데이터시트(HTML) 76 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 72Page - Renesas Technology Corp 6V7 Datasheet HTML 73Page - Renesas Technology Corp 6V7 Datasheet HTML 74Page - Renesas Technology Corp 6V7 Datasheet HTML 75Page - Renesas Technology Corp 6V7 Datasheet HTML 76Page - Renesas Technology Corp 6V7 Datasheet HTML 77Page - Renesas Technology Corp 6V7 Datasheet HTML 78Page - Renesas Technology Corp 6V7 Datasheet HTML 79Page - Renesas Technology Corp 6V7 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 298 page
background image
Rev.1.00
May 18, 2004
page 76 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
BCLK
Address
bus
RD signal
WR signal
Data
bus
CPU use
CPU use
CPU use
CPU use
Source
Source
Destination
Destination
Dummy
cycle
Dummy
cycle
(1) 8-bit transfers
16-bit transfers from even address and the source address is even.
BCLK
Address
bus
RD signal
WR signal
Data
bus
CPU use
CPU use
CPU use
CPU use
Source
Source
Destination
Destination
Dummy
cycle
Dummy
cycle
(3) One wait is inserted into the source read under the conditions in (1)
BCLK
Address
bus
RD signal
WR signal
Data
bus
CPU use
CPU use
CPU use
CPU use
Source
Source
Destination
Destination
Dummy
cycle
Dummy
cycle
Source + 1
Source + 1
(2) 16-bit transfers and the source address is odd
Transferring 16-bit data on an 8-bit data bus (In this case, there are also two destination write cycles).
BCLK
Address
bus
RD signal
WR signal
Data
bus
CPU use
CPU use
CPU use
CPU use
Source
Source
Destination
Destination
Dummy
cycle
Dummy
cycle
Source + 1
Source + 1
(4) One wait is inserted into the source read under the conditions in (2)
(When 16-bit data is transferred on an 8-bit data bus, there are two destination write cycles).
Note: The same timing changes occur with the respective conditions at the destination as at the source.
Figure 2.9.8 Example of the transfer cycles for a source read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More