전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STS5NS150 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STS5NS150
상세설명  N-CHANNEL 150V - 0.075 ohm - 5A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS5NS150 데이터시트(HTML) 3 Page - STMicroelectronics

  STS5NS150 Datasheet HTML 1Page - STMicroelectronics STS5NS150 Datasheet HTML 2Page - STMicroelectronics STS5NS150 Datasheet HTML 3Page - STMicroelectronics STS5NS150 Datasheet HTML 4Page - STMicroelectronics STS5NS150 Datasheet HTML 5Page - STMicroelectronics STS5NS150 Datasheet HTML 6Page - STMicroelectronics STS5NS150 Datasheet HTML 7Page - STMicroelectronics STS5NS150 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STS5NS150
Safe Operating Area
Thermal Impedance
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(*)Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(
•)Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 75 V
ID = 2.5 A
RG = 4.7 Ω
VGS = 10 V
(Resistive Load, Figure 1)
12
2.8
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD= 120V ID= 5A VGS= 10V
(see test circuit, Figure 2)
65
5.5
2.7
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 75 V
ID = 2.5 A
RG = 4.7Ω,
VGS = 10 V
(Resistive Load, Figure 1)
50
12
ns
ns
tr(Voff)
tf
tc
Turn-off Delay Time
Fall Time
Cross-over Time
Vclamp = 120 V
ID = 5 A
RG = 4.7Ω,
VGS = 10 V
(Inductive Load, Figure 5)
11
17
36
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (•)
Source-drain Current
Source-drain Current (pulsed)
5
20
A
A
VSD (*)
Forward On Voltage
ISD = 5 A
VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 5 A
di/dt = 100A/µs
VDD = 30 V
Tj = 150°C
(see test circuit, Figure 3)
150
712
9.5
ns
nC
A
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com