전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M35075-XXXFP 데이터시트(PDF) 31 Page - Renesas Technology Corp

부품명 M35075-XXXFP
상세설명  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35075-XXXFP 데이터시트(HTML) 31 Page - Renesas Technology Corp

Back Button M35075-XXXFP Datasheet HTML 27Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 28Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 29Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 30Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 31Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 32Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 33Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 34Page - Renesas Technology Corp M35075-XXXFP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Rev.1.10
Feb 13, 2006
page 31 of 44
REJ03B0180-0110
M35075-XXXFP
DATA INPUT 1
(1) The16-bit communication function
(a)Serial data should be input with the LSB first.
(b)The address consists of 16 bits.
(c)The data consists of 16 bits.
Fig.23 Serial input timing
__
(d)The 16 bits in the SCK after the CS signal has fallen are the
address, and for succeeding input data, the address is
incremented every 16 bits. Therefore, it is not necessary to in
put the address from the second data.
__
Note. Stop the input to SCK pin and fix it to “H” at CS pin
“H” level.
CS
N = 1,2,3………
SCK
SIN
LSB
MSB
LSB
MSB
LSB
MSB
Address(16 bits)
Data(16 bits)
N
Data(16 bits)
N + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45