| 전자부품 데이터시트 검색엔진 |
|
M3882 데이터시트(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M3882 데이터시트(HTML) 21 Page - Renesas Technology Corp |
|
21 / 62 page ![]() Rev.1.01 Nov 14, 2005 page 21 of 60 REJ03B0089-0101 3882 Group Interrupt Request Generating Conditions Remarks Interrupt Source Reset (Note 2) INT0 Input buffer full (IBF) INT1 Output buffer empty (OBE) Timer X Timer Y Timer 1 Timer 2 INT5 CNTR0 INT0 CNTR1 INT1 INT2 INT3 INT4 Key-on wake-up BRK instruction Low High FFFD16 FFFB16 FFF916 FFF716 FFF316 FFF116 FFEF16 FFED16 FFEB16 Priority 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Table 8 Interrupt vector addresses and priority Vector Addresses (Note 1) At reset At detection of either rising or falling edge of INT0 input At input data bus buffer writing At detection of either rising or falling edge of INT1 input At output data bus buffer read- ing At timer X underflow At timer Y underflow At timer 1 underflow At timer 2 underflow At detection of either rising or falling edge of INT5 input At detection of either rising or falling edge of CNTR0 input At detection of either rising or falling edge of INT0 input At detection of either rising or falling edge of CNTR1 input At detection of either rising or falling edge of INT1 input At detection of either rising or falling edge of INT2 input At detection of either rising or falling edge of INT3 input At detection of either rising or falling edge of INT4 input At falling of port P3 (at input) input logical level AND At BRK instruction execution Non-maskable External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt STP release timer underflow External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (falling valid) External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (falling valid) Non-maskable software interrupt At falling edge of LRESET input Notes 1: Vector addresses contain interrupt jump destination addresses. 2: Reset functions in the same way as an interrupt with the highest priority. FFFC16 FFFA16 FFF816 FFF616 FFF216 FFF016 FFEE16 FFEC16 FFEA16 FFE816 FFE416 FFE216 FFE016 FFDE16 FFDC16 LRESET FFE516 FFE916 FFE316 FFE116 FFDF16 FFDD16 |