전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38267EBFP 데이터시트(PDF) 25 Page - Renesas Technology Corp

부품명 M38267EBFP
상세설명  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38267EBFP 데이터시트(HTML) 25 Page - Renesas Technology Corp

Back Button M38267EBFP Datasheet HTML 21Page - Renesas Technology Corp M38267EBFP Datasheet HTML 22Page - Renesas Technology Corp M38267EBFP Datasheet HTML 23Page - Renesas Technology Corp M38267EBFP Datasheet HTML 24Page - Renesas Technology Corp M38267EBFP Datasheet HTML 25Page - Renesas Technology Corp M38267EBFP Datasheet HTML 26Page - Renesas Technology Corp M38267EBFP Datasheet HTML 27Page - Renesas Technology Corp M38267EBFP Datasheet HTML 28Page - Renesas Technology Corp M38267EBFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 25 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
The key input interrupt is controlled by the key input control regis-
ter and the port direction register. When enabling the key input
interrupt, set “1” to the key input control bit. A key input can be ac-
cepted from pins set as the input mode in ports P20–P27.
Fig. 21 Structure of key input control register
P20 key input control bit
P21 key input control bit
P22 key input control bit
P23 key input control bit
P24 key input control bit
P25 key input control bit
P26 key input control bit
P27 key input control bit
0 : Key input interrupt disabled
1 : Key input interrupt enabled
Key input control register
(KIC : address 001516)
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91