| 전자부품 데이터시트 검색엔진 |
|
M38266ECGP 데이터시트(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38266ECGP 데이터시트(HTML) 7 Page - Renesas Technology Corp |
|
7 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 7 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) GROUP EXPANSION Renesas expands the 3826 group as follows. Memory Type Support for One Time PROM version or EPROM version. Memory Size ROM size ........................................................................ 60 K bytes RAM size ....................................................................... 2560 bytes Packages PRQP0100JB-A ....................... 0.65 mm-pitch plastic molded QFP PLQP0100KB-A ......................... 0.5 mm-pitch plastic molded QFP 100D0 ................... 0.65 mm-pitch ceramic LCC (EPROM version) Memory Expansion Plan Fig. 5 Memory expansion plan ROM size (bytes) RAM size (bytes) 256 512 768 1024 1280 1536 1792 192 2048 2304 2560 32K 28K 24K 20K 16K 12K 8K 4K 52K 48K 44K 40K 36K 56K 60K M3826AEF Mass production Currently planning products are listed below. Table 3 Support products As of Sep. 2006 Remarks One Time RPOM version One Time PROM version EPROM version for development Package PRQP0100JB-A PLQP0100KB-A 100D0 Part number M3826AEFFP M3826AEFGP M3826AEFFS RAM size (bytes) 61440 (61310) ROM size (bytes) ROM size for User in ( ) 2560 |