전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38265E2FS 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 M38265E2FS
상세설명  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38265E2FS 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button M38265E2FS Datasheet HTML 7Page - Renesas Technology Corp M38265E2FS Datasheet HTML 8Page - Renesas Technology Corp M38265E2FS Datasheet HTML 9Page - Renesas Technology Corp M38265E2FS Datasheet HTML 10Page - Renesas Technology Corp M38265E2FS Datasheet HTML 11Page - Renesas Technology Corp M38265E2FS Datasheet HTML 12Page - Renesas Technology Corp M38265E2FS Datasheet HTML 13Page - Renesas Technology Corp M38265E2FS Datasheet HTML 14Page - Renesas Technology Corp M38265E2FS Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 11 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit and
the system clock control bits, etc.
The CPU mode register is allocated at address 003B16.
Fig. 8 Structure of CPU mode register
Processor mode bits
b1 b0
0
0 : Single-chip mode
0
1 :
1
0 :
1
1 :
Stack page selection bit
0 : 0 page
1 : 1 page
Not used (“1” at reading)
(Write “1” to this bit at writing)
XC switch bit
0 : Oscillation stop
1 : XCIN–XCOUT oscillating function
Main clock (XIN–XOUT) stop bit
0 : Oscillating
1 : Stopped
Main clock division ratio selection bit
0 : f(XIN)/2 (high-speed mode)
1 : f(XIN)/8 (middle-speed mode)
System clock selection bit
0 : XIN–XOUT selected (middle-/high-speed mode)
1 : XCIN–XCOUT selected (low-speed mode)
Do not select
CPU mode register
(CPUM (CM) : address 003B16)
b7
b0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91